PART |
Description |
Maker |
FS0402DH |
400 V, 200 mA sensitive gate SCR
|
Fagor
|
TLC336A TLC386D TLC116 TLC226A TLC226T TLC386A TLC |
200 V, 3 A, TRIAC SENSITIVE GATE TRIACS From old datasheet system 400 V, 3 A, TRIAC
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MCR100-8G MCR100-4G MCR100-004G |
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors 0.8 A, 200 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifier; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000
|
On Semiconductor
|
MAC97 MAC97A8RLRM MAC97A8RLRMG MAC97A8RLRP MAC97A8 |
Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 400 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
DCR03B |
TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 200 to 600 Volts
|
DCCOM[Dc Components]
|
T2322-D T2322B |
Sensitive gate Triac Silicon Bidirectional Thyristors(2.5A,200V敏感门三端双向可控硅晶闸 TRIAC 2.5A 200V Sensitive Gate Triacs
|
ON Semiconductor
|
MCR72-8 MCR72-3 MCR72-6 ON1829 MCR72-D |
Sensitive Gate Silicon Controled Rectifiers Reverse Blocking Thyristor SCRs 8 AMPERES RMS 100 thru 600 VOLTS SENSITIVE GATE SILICON CONTROLLED RECTIFIERS From old datasheet system
|
ONSEMI[ON Semiconductor]
|
MCR08BT1 MCR08B MCR08MT1 MCR08BT1-D |
Sensiteve Gate Silicon Controlled Rectifier Sensitive Gate Sillicon Controlled Rectifiers Reverse Blocking Thyristors SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
|
ONSEMI[ON Semiconductor]
|
QJD0240002 |
Dual Power MOSFET Module (400 Amperes/200 Volts) 400 A, 200 V, 0.006 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
MURP20040CT MURP20020CT |
(MURP20020CT / MURP20040CT) ULTRAFAST RECTIFIERS 200 AMPERES 200.400 VOLTS
|
MOTOROLA INC Motorola, Inc
|
MURP20040CT_D MURP20040CT MURP20040 ON2758 MURP200 |
ULTRAFAST RECTIFIER 200 AMPERES 超快整流00安培 POWERTAP II SWITCHMODE Power Rectifier From old datasheet system ULTRAFAST RECTIFIERS 200 AMPERES 200.400 VOLTS
|
ON Semiconductor Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|